Part Number Hot Search : 
UDZS33B TA0344A 1N4417 C1514 BXF200 FTD2011 9V080FAQ AM2908LC
Product Description
Full Text Search
 

To Download BD680AG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BD676, BD676A, BD678, BD678A, BD680, BD680A, BD682, BD682T Plastic Medium-Power Silicon PNP Darlingtons
This series of plastic, medium-power silicon PNP Darlington transistors can be used as output devices in complementary general-purpose amplifier applications.
Features http://onsemi.com
* High DC Current Gain - * * * *
hFE = 750 (Min) @ IC = 1.5 and 2.0 Adc Monolithic Construction BD676, 676A, 678, 678A, 680, 680A, 682 are complementary with BD675, 675A, 677, 677A, 679, 679A, 681 BD678, 678A, 680, 680A are equivalent to MJE 700, 701, 702, 703 Pb-Free Package are Available*
4.0 AMP DARLINGTON POWER TRANSISTORS PNP SILICON 45, 60, 80, 100 VOLT, 40 WATT
TO-225AA CASE 77 STYLE 1 32 1
MAXIMUM RATINGS
Rating Collector-Emitter Voltage BD676, BD676A BD678, BD678A BD680, BD680A BD682 Collector-Base Voltage BD676, BD676A BD678, BD678A BD680, BD680A BD682 Emitter-Base Voltage Collector Current Base Current Total Device Dissipation @ TC = 25C Derate above 25C Operating and Storage Junction Temperature Range Symbol VCEO 45 60 80 100 VCB 45 60 80 100 VEB IC IB PD 40 0.32 TJ, Tstg -55 to +150 W W/C C 5.0 4.0 0.1 Vdc Adc Adc BD6xx = Device Code xx = 76, 76A, 78, 78A, 80, 80A, 82, or 82T Y = Year WW = Work Week G = Pb-Free Package Vdc YWW BD6xxG YWW B BD6xxG Value Unit Vdc
MARKING DIAGRAMS
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction-to-Case Symbol RqJC Max 3.13 Unit C/W
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 3 of this data sheet.
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2005
October, 2005 - Rev. 12
Publication Order Number: BD676/D
BD676, BD676A, BD678, BD678A, BD680, BD680A, BD682, BD682T
PD, POWER DISSIPATION (WATTS)
40 35 30 25 20 15 10 5.0 0 15 30 45 60 75 90 105 120 135 150 165
IC, COLLECTOR CURRENT (AMP)
III I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I II I III I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I II I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Symbol Min Max Unit Collector-Emitter Breakdown Voltage (Note 1) (IC = 50 mAdc, IB = 0) BD676, 676A BD678, 678A BD680, 680A BD682 BVCEO 45 60 80 100 - - - - - - - - Vdc Collector Cutoff Current (VCE = Half Rated VCEO, IB = 0) Collector Cutoff Current (VCB = Rated BVCEO, IE = 0) (VCB = Rated BVCEO. IE = 0, TC = 100C) ICEO ICBO 500 0.2 2.0 2.0 mAdc mAdc Emitter Cutoff Current (VBE = 5.0 Vdc, IC = 0) IEBO mAdc ON CHARACTERISTICS DC Current Gain (Note 1) (IC = 1.5 Adc, VCE = 3.0 Vdc) (IC = 2.0 Adc, VCE = 3.0 Vdc) hFE BD676, 678, 680, 682 BD676A, 678A, 680A BD678, 680, 682 BD676A, 678A, 680A BD678, 680, 682 BD676A, 678A, 680A 750 750 - - - - - - - - Collector-Emitter Saturation Voltage (Note 1) (IC = 1.5 Adc, IB = 30 mAdc) (IC = 2.0 Adc, IB = 40 mAdc) Base-Emitter On Voltage (Note 1) (IC = 1.5 Adc, VCE = 3.0 Vdc) (IC = 2.0 Adc, VCE = 3.0 Vdc) VCE(sat) VBE(on) 2.5 2.8 2.5 2.5 Vdc Vdc DYNAMIC CHARACTERISTICS Small-Signal Current Gain (IC = 1.5 Adc, VCE = 3.0 Vdc, f = 1.0 MHz) hfe 1.0 - - 1. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2.0%. 50 45 5.0 2.0 1.0 0.5 0.2 0.1 TC = 25C BONDING WIRE LIMIT THERMAL LIMIT at TC = 25C SECONDARY BREAKDOWN LIMIT BD676, 676A BD678, 678A BD680, 680A BD682 100 0.05 1.0 TC, CASE TEMPERATURE (C) 2.0 5.0 10 20 50 VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
Figure 1. Power Temperature Derating
Figure 2. DC Safe Operating Area
There are two limitations on the power handling ability of a transistor average junction temperature and secondary breakdown. Safe operating area curves indicate IC - VCE limits of the transistor that must be observed for reliable operation; e.g., the transistor must not be subjected to greater dissipation than the curves indicate.
At high case temperatures, thermal limitations will reduce the power that can be handled to values less than the limitations imposed by secondary breakdown.
http://onsemi.com
2
BD676, BD676A, BD678, BD678A, BD680, BD680A, BD682, BD682T
PNP BD676, 676A BD678, 678A BD680, 680A BD682 BASE [ 8.0 k
COLLECTOR
[ 120
EMITTER
Figure 3. Darlington Circuit Schematic
ORDERING INFORMATION
Device BD676 BD676G BD676A BD676AG BD678 BD678G BD678A BD678AG BD680 BD680G BD680A BD680AG BD682 BD682G BD682T BD682TG Package TO-225AA TO-225AA (Pb-Free) TO-225AA TO-225AA (Pb-Free) TO-225AA TO-225AA (Pb-Free) TO-225AA TO-225AA (Pb-Free) TO-225AA TO-225AA (Pb-Free) TO-225AA TO-225AA (Pb-Free) TO-225AA TO-225AA (Pb-Free) TO-225AA TO-225AA (Pb-Free) Shipping 500 Units / Box 500 Units / Box 500 Units / Box 500 Units / Box 500 Units / Box 500 Units / Box 500 Units / Box 500 Units / Box 500 Units / Box 500 Units / Box 500 Units / Box 500 Units / Box 500 Units / Box 500 Units / Box 50 Units / Rail 50 Units / Rail
http://onsemi.com
3
BD676, BD676A, BD678, BD678A, BD680, BD680A, BD682, BD682T
PACKAGE DIMENSIONS
TO-225AA CASE 77-09 ISSUE Z
-B- U Q
F M
C
-A-
123
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. 077-01 THRU -08 OBSOLETE, NEW STANDARD 077-09. INCHES MIN MAX 0.425 0.435 0.295 0.305 0.095 0.105 0.020 0.026 0.115 0.130 0.094 BSC 0.050 0.095 0.015 0.025 0.575 0.655 5_ TYP 0.148 0.158 0.045 0.065 0.025 0.035 0.145 0.155 0.040 --- MILLIMETERS MIN MAX 10.80 11.04 7.50 7.74 2.42 2.66 0.51 0.66 2.93 3.30 2.39 BSC 1.27 2.41 0.39 0.63 14.61 16.63 5 _ TYP 3.76 4.01 1.15 1.65 0.64 0.88 3.69 3.93 1.02 ---
H
K
V G S D 2 PL 0.25 (0.010)
M
J R 0.25 (0.010) A
M
A
M
M
B
M
B
M
DIM A B C D F G H J K M Q R S U V
STYLE 1: PIN 1. EMITTER 2. COLLECTOR 3. BASE
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
4
BD676/D


▲Up To Search▲   

 
Price & Availability of BD680AG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X